|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
3.0mmx1.5mm SMD CHIP LED LAMP Part Number: APL3015SRCPRV-F01 Super Bright Red Features 3.0mmx1.5mm SMT LED, 1.4mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT. Description The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode. Package Dimensions Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3. Specifications are subject to change without notice. 4.The device has a single mounting surface. The device must be mounted according to the specifications. SPEC NO: DSAE3896 APPROVED: WYNEC REV NO: V.5 CHECKED: Allen Liu DATE: MAY/07/2007 DRAWN: Y.L.LI PAGE: 1 OF 5 ERP: 1203001621 Selection Guide Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APL3015SRCPRV-F01 Super Bright Red (GaAlAs) WATER CLEAR 50 Typ. 150 Viewing Angle [1] 21/2 70 Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%. Electrical / Optical Characteristics at TA=25C Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Typ. 660 640 20 45 1.85 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V. Absolute Maximum Ratings at TA=25C Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. Super Bright Red 75 30 155 5 -40C To +85C -40C To +85C Units mW mA mA V SPEC NO: DSAE3896 APPROVED: WYNEC REV NO: V.5 CHECKED: Allen Liu DATE: MAY/07/2007 DRAWN: Y.L.LI PAGE: 2 OF 5 ERP: 1203001621 Super Bright Red APL3015SRCPRV-F01 SPEC NO: DSAE3896 APPROVED: WYNEC REV NO: V.5 CHECKED: Allen Liu DATE: MAY/07/2007 DRAWN: Y.L.LI PAGE: 3 OF 5 ERP: 1203001621 APL3015SRCPRV-F01 Recommended Soldering Pattern (Units : mm; Tolerance: 0.1) Tape Specifications (Units : mm) SPEC NO: DSAE3896 APPROVED: WYNEC REV NO: V.5 CHECKED: Allen Liu DATE: MAY/07/2007 DRAWN: Y.L.LI PAGE: 4 OF 5 ERP: 1203001621 PACKING & LABEL SPECIFICATIONS APL3015SRCPRV-F01 SPEC NO: DSAE3896 APPROVED: WYNEC REV NO: V.5 CHECKED: Allen Liu DATE: MAY/07/2007 DRAWN: Y.L.LI PAGE: 5 OF 5 ERP: 1203001621 |
Price & Availability of APL3015SRCPRV-F01 |